Part Number Hot Search : 
M29F01 MC14028 275333K1 00236 MAX3232E 1T397 DS1841T UR4KB60
Product Description
Full Text Search
 

To Download 36643-0001 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  this document was generated on 10/06/2014 please check www.molex.com for latest part information part number: 36643-0001 status: active overview: mlx? power connectors description: 2.13mm diameter mlx? plug housing, 1 circuit, pa polyamide nylon 6/6 94v-2, glow wire compatible documents: 3d model rohs certificate of compliance (pdf) drawing (pdf) agency certification csa lr19980 ul e29179 general product family crimp housings series 36643 application power, wire-to-wire comments this molex product is manufactured from material that has the following ratings, tested by independent agencies :. a) a glow wire ignition temperature (gwit) of at least 775 deg c per iec 60695-2-13.. b) a glow wire flammability index (gwfi) above 850 deg c per iec 60695-2-12.and hence complies with the requirements set out in the international standard iec 60335-1 5th edition - household and similar electrical appliances - safety; section 30 resistance to heat and fire.

the customers using this product must determine its suitability for use in their particular application through testing or other acceptable means as described in end-product glow-wire flammability test standard iec 60695-2-11 and any applicable product end-use standard(s).

if it is determined during the customer?s evaluation of suitability, that higher performance is required, please contact molex for possible product options. overview mlx? power connectors product name mlx? upc 800756932996 physical circuits (maximum) 1 circuits detail 1 color - resin natural flammability 94v-2 gender plug glow-wire compliant yes keying to mating part none lock to mating part yes material - resin nylon net weight 1.070/g number of rows 1 packaging type bag panel mount no pitch - mating interface n/a pitch - termination interface n/a series image - reference only eu rohs china rohs elv and rohs compliant reach svhc contains svhc: no low-halogen status not reviewed need more information on product environmental compliance? email productcompliance@molex.com for a multiple part number rohs certificate of compliance, click here please visit the contact us section for any non-product compliance questions. search parts in this series 36643 series mates with 42022 diameter mlx? pin and socket receptacle use with mlx? crimp terminal 42023 , 42024
polarized to mating part yes stackable no temperature range - operating -55c to +105c electrical current - maximum per contact 20a material info reference - drawing numbers sales drawing sd-36643-009 this document was generated on 10/06/2014 please check www.molex.com for latest part information


▲Up To Search▲   

 
Price & Availability of 36643-0001

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X